PART |
Description |
Maker |
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
EBS26UC6APS-80 EBS26UC6APS EBS26UC6APS-75 EBS26UC6 |
RELAY,SOLID,STATE,SPST 32M X 64 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA144 RELAY OPTO 120MA W/SURGE 8-DIP RELAY OPTOMOS 250MA 6-SMD AC Solid State Switch using optical coupling with dual power SCR outputs Dual Pole Normally Open: 2-Form-A 256MB SDRAM S.O.DIMM
|
ELPIDA MEMORY INC Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
LH1547AAB1 LH1547AAB1TR LH1547AT1 LH1547-AAB1 LH15 |
Solid State Relay (SSR) 1FormA 1 Form A Solid-State Relay
|
Infineon Technologies AG
|
CD20CDW CD20CDY SCD21CDY CD00CFY CD01CFW CD01CFY C |
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay DC Solid-State Relay
|
Teledyne Technologies I... Willow Technologies Ltd
|
G3NE G3NE-205T-US G3NE-205TL-US G3NE-210T-US G3NE- |
TRIGGER OUTPUT SOLID STATE RELAY, 2000 V ISOLATION-MAX Solid State Relays
|
Omron Electronics LLC
|
AQW212EHAZ AQW212EHAX AQW216EHA |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, SMD, DIP-8 Solid State Relay (with MOSFET Output) 8pin DIP (Form A, Normally-Open) DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX 0.388 X 0.252 INCH, 0.126 INCH HEIGHT, DIP-8
|
Panasonic, Corp. PANASONIC CORP
|
LH1524-AB LH1520-AB LH1520-AAC LH1520-AACTR |
High Voltage Optically Coupled Solid ... Solid State Relay (SSR) 2FormA
|
Infineon
|
PLC-BSC-48DC FBST500-PLCBU |
Solid-state relay module Universal PLC Interface with PDT Relay
|
PHOENIX CONTACT
|